Part Number Hot Search : 
31S100M ZTX327 NCP5359A 800892 ADM696 20060 GMF10701 AN921
Product Description
Full Text Search
 

To Download 1SMB40CAT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 february, 2012 ? rev. 13 1 publication order number: 1smb10cat3/d 1smb10cat3g series, sz1smb10cat3g series 600 watt peak power zener transient voltage suppressors bidirectional the smb series is designed to protect voltage sensitive components from high voltage, high energy transients. they have excellent clamping capability, high surge capability, low zener impedance and fast response time. the smb series is supplied in on semiconductor?s exclusive, cost-effective, highly reliable surmetic ? package and is ideally suited for use in communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. features ? working peak reverse voltage range ? 10 v to 75 v ? standard zener breakdown voltage range ? 11.7 v to 91.7 v ? peak power ? 600 watts @ 1 ms ? esd rating of class 3 (> 16 kv) per human body model ? maximum clamp voltage @ peak pulse current ? low leakage < 5  a above 10 v ? ul 497b for isolated loop circuit protection ? response time is typically < 1 ns ? sz prefix for automotive and other applications requiring unique site and control change requirements; aec ? q101 qualified and ppap capable ? pb ? free packages are available* mechanical characteristics case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosion resistant and leads are readily solderable maximum case temperature for soldering purposes: 260 ? c for 10 seconds leads: modified l ? bend providing more contact area to bond pads polarity: polarity band will not be indicated mounting position: any *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. plastic surface mount zener overvoltage transient suppressors 10 ? 78 v, 600 w peak power device ** package shipping ? ordering information smb case 403c plastic a = assembly location y = year ww = work week xxc = specific device code = (see table on page 3)  = pb ? free package marking diagram **the ?t3? suffix refers to a 13 inch reel. 1smbxxcat3g smb (pb ? free) 2,500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. individual devices are listed on page 3 of this data sheet. http://onsemi.com alyw xxc   (note: microdot may be in either location) sz1smbxxcat3g smb (pb ? free) 2,500 / tape & reel
bi ? directional tvs i pp i pp v i i r i t i t i r v rwm v c v br v rwm v c v br 1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 2 maximum ratings rating symbol value unit peak power dissipation (note 1) @ t l = 25 ? c, pulse width = 1 ms p pk 600 w dc power dissipation @ t l = 75 ? c measured zero lead length (note 2) derate above 75 ? c thermal resistance from junction ? to ? lead p d r  jl 3.0 40 25 w mw/ ? c ? c/w dc power dissipation (note 3) @ t a = 25 ? c derate above 25 ? c thermal resistance from junction ? to ? ambient p d r  ja 0.55 4.4 226 w mw/ ? c ? c/w operating and storage temperature range t j , t stg ? 65 to +150 ? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. 10 x 1000  s, non ? repetitive 2. 1 ? square copper pad, fr ? 4 board 3. fr ? 4 board, using on semiconductor minimum recommended footprint, as shown in 403a case outline dimensions spec *please see 1smb5.0at3 to 1smb170at3 for unidirectional devices electrical characteristics (t a = 25 ? c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current
1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 3 electrical characteristics device * device marking v rwm (note 4) i r @ v rwm breakdown voltage v c @ i pp (note 6) c typ (note 7) v br (note 5) volts @ i t v c i pp volts  a min nom max ma volts amps pf 1smb10cat3g 1smb11cat3g 1smb12cat3g 1smb13cat3g kxc kzc lec lgc 10 11 12 13 5.0 5.0 5.0 5.0 11.1 12.2 13.3 14.4 11.69 12.84 14.00 15.16 12.27 13.5 14.7 15.9 1.0 1.0 1.0 1.0 17.0 18.2 19.9 21.5 35.3 33.0 30.2 27.9 805 740 680 630 1smb14cat3g 1smb15cat3g 1smb16cat3g 1smb17cat3g lkc lmc lpc lrc 14 15 16 17 5.0 5.0 5.0 5.0 15.6 16.7 17.8 18.9 16.42 17.58 18.74 19.90 17.2 18.5 19.7 20.9 1.0 1.0 1.0 1.0 23.2 24.4 26.0 27.6 25.8 24.0 23.1 21.7 590 555 520 490 1smb18cat3g 1smb20cat3g 1smb22cat3g 1smb24cat3g ltc lvc lxc lzc 18 20 22 24 5.0 5.0 5.0 5.0 20.0 22.2 24.4 26.7 21.06 23.37 25.69 28.11 22.1 24.5 27.0 29.5 1.0 1.0 1.0 1.0 29.2 32.4 35.5 38.9 20.5 18.5 16.9 15.4 465 425 390 366 1smb26cat3g 1smb28cat3g 1smb30cat3g 1smb33cat3g mec mgc mkc mmc 26 28 30 33 5.0 5.0 5.0 5.0 28.9 31.1 33.3 36.7 30.42 32.74 35.06 38.63 31.9 34.4 36.8 40.6 1.0 1.0 1.0 1.0 42.1 45.4 48.4 53.3 14.2 13.2 12.4 11.3 330 310 290 265 1smb36cat3g 1SMB40CAT3G 1smb43cat3g 1smb45cat3g mpc mrc mtc mvc 36 40 43 45 5.0 5.0 5.0 5.0 40.0 44.4 47.8 50.0 42.11 46.74 50.32 52.63 44.2 49.1 52.8 55.3 1.0 1.0 1.0 1.0 58.1 64.5 69.4 72.2 10.3 9.3 8.6 8.3 245 220 210 200 1smb48cat3g 1smb51cat3g 1smb54cat3g 1smb58cat3g mxc mzc nec ngc 48 51 54 58 5.0 5.0 5.0 5.0 53.3 56.7 60.0 64.4 56.11 59.69 63.16 67.79 58.9 62.7 66.32 71.18 1.0 1.0 1.0 1.0 77.4 82.4 87.1 93.6 7.7 7.3 6.9 6.4 190 175 170 155 1smb60cat3g 1smb64cat3g 1smb75cat3g nkc nmc nrc 60 64 75 5.0 5.0 5.0 66.7 71.1 83.3 70.21 74.84 91.65 73.72 78.58 92.07 1.0 1.0 1.0 96.8 103 121 6.2 5.8 4.9 150 145 125 4. a transient suppressor is normally selected according to the working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. 5. v br measured at pulse test current i t at an ambient temperature of 25 ? c. 6. surge current waveform per figure 2 and derate per figure 3 of the general data ? 600 watt at the beginning of this group. 7. bias voltage = 0 v, f = 1 mhz, t j = 25 ? c *include sz-prefix devices where applicable.
1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 4 nonrepetitive pulse waveform shown in figure 2 t p , pulse width 1 10 100 0.1  s1  s10  s 100  s 1 ms 10 ms 0.1 figure 1. pulse rating curve 01234 0 50 100 t, time (ms) value (%) half value - i pp 2 peak value - i pp t r ? 10  s figure 2. pulse waveform typical protection circuit v in v l z in load figure 3. pulse derating curve peak pulse derating in % of peak power or current @ t a = 25 c ? 100 80 60 40 20 0 0 25 50 75 100 125 150 t a , ambient temperature ( ? c) 120 140 160 t p pulse width (t p ) is defined as that point where the peak current decays to 50% of i pp . p pk , peak power (kw) figure 4. typical junction capacitance vs. bias voltage bias voltage (v) 1000 100 10 1 100 10 1 c, capacitance (pf) t j = 25 ? c f = 1 mhz 1smb10cat3g 1smb18cat3g 1smb48cat3g 1smb75cat3g 5
1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 5 application notes response time in most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. in this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. the capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in figure 5. the inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. this inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in figure 6. minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. the smb series have a very good response time, typically < 1 ns and negligible inductance. however, external inductive effects could produce unacceptable overshoot. proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. some input impedance represented by z in is essential to prevent overstress of the protection device. this impedance should be as high as possible, without restricting the circuit operation. duty cycle derating the data of figure 1 applies for non-repetitive conditions and at a lead temperature of 25 ? c. if the duty cycle increases, the peak power must be reduced as indicated by the curves of figure 7. average power must be derated as the lead or ambient temperature rises above 25 ? c. the average power derating curve normally given on data sheets may be normalized and used for this purpose. at first glance the derating curves of figure 7 appear to be in error as the 10 ms pulse has a higher derating factor than the 10  s pulse. however, when the derating factor for a given pulse of figure 7 is multiplied by the peak power value of figure 1 for the same pulse, the results follow the expected trend. v l v v in v in (transient) v l t d v v in (transient) overshoot due to inductive effects t d = time delay due to capacitive effect t t figure 5. figure 6. figure 7. typical derating factor for duty cycle derating factor 1 ms 10  s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100  s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms
1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 6 ul recognition the entire series has underwriters laboratory recognition for the classification of protectors (qvgq2) under the ul standard for safety 497b and file #e210057. many competitors only have one or two devices recognized or have recognition in a non-protective category. some competitors have no recognition at all. with the ul497b recognition, our parts successfully passed several tests including strike voltage breakdown test, endurance conditioning, temperature test, dielectric voltage-withstand test, discharge test and several more. whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category.
1smb10cat3g series, sz1smb10cat3g series http://onsemi.com 7 package dimensions smb case 403c ? 01 issue a *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*  mm inches  scale 8:1 2.743 0.108 2.159 0.085 2.261 0.089 a s d b j p k c h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. d dimension shall be measured within dimension p. dim min max min max millimeters inches a 0.160 0.180 4.06 4.57 b 0.130 0.150 3.30 3.81 c 0.075 0.095 1.90 2.41 d 0.077 0.083 1.96 2.11 h 0.0020 0.0060 0.051 0.152 j 0.006 0.012 0.15 0.30 k 0.030 0.050 0.76 1.27 p 0.020 ref 0.51 ref s 0.205 0.220 5.21 5.59 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 1smb10cat3/d surmetic is a registered trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of 1SMB40CAT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X